Part Number Hot Search : 
ARV241 MA2B182 30M125 P6KE200C LPBA50M 223ML 2N3859A H0013NL
Product Description
Full Text Search
 

To Download NCX10S48050 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NCX10S SERIES
Isolated 10W Single Output DC/DC Converters
SELECTION GUIDE1
Power Consumption at 0% Load Power Consumption at Shutdown Efficiency (MIN)
Output Voltage
Output Current
Nominal Input Voltage
Order Code
NCX10S24033 NCX10S24050 NCX10S48033
FEATURES High Efficiency to 82% 500V Input to Output Isolation Industry Standard Pinout UL 60950 Recognition Pending Non Latching Current Limit Constant 400kHz Frequency Versatile Control Options Continuous Rating to 10W @85C Operation to Zero Load Protected Against Load Faults Internal Over Temperature Protection Uses No Electrolytic Capacitors DESCRIPTION
The NCX10S series of DC/DC Converters combines ease of application with versatility and is available in two pin patterns based on popular industry standards. High efficiency enables full rating to be achieved in a small package without heatsinking, and a high surge capability will provide for start-up and transient loads, whilst being thermally protected against sustained overload. The NCX10S series is currently undergoing testing by Underwriters Laboratory (UL) to UL 60950 for functional insulation.
NCX10S48050 NCX10S24033Y NCX10S24050Y NCX10S48033Y NCX10S48050Y
V 24 24 48 48 24 24 48 48
V 3.4 5.1 3.4 5.1 3.4 5.1 3.4 5.1
A 3.1 2.0 3.1 2.0 3.1 2.0 3.1 2.0
mW 270 280 500 510 270 280 500 510
mW 26 25 44 45 26 25 44 45
% 78 82 79 82 78 82 79 82
INPUT CHARACTERISTICS1
Parameter Conditions MIN NOM MAX Units
Voltage Range
Continuous operation, 24V input types Continuous operation, 48V input types
18 36
24 48
36 75
OUTPUT CHARACTERISTICS1
Parameter Conditions MIN TYP MAX Units
Voltage Set Point Error 50% load Substrate temperature -40 to 110C Overall Load 0% - 100% Voltage Error Input specified range Temperature Coefficient of Output Voltage (slope) Deviation of Temperature MIN - MAX Output Voltage Current Limit Continuous short circuit causes no damage NCX10S24033 Overload 95% of nominal NCX10S24050 Output Current output voltage NCX10S48033 NCX10S48050 Line Regulation Operating voltage range, 50% load Load Regulation 0% - 100% rated load2 Ripple rms
1.0 2.5 250 1.0 153 170 148 164 0.1 0.5 1.0
CONTROL CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Voltage Trimming Range Remote Switch Input (voltage relative to input negative) Start Delay Switching Frequency
At rated load, Trim control at either output Not operating Operating, open circuit voltage VIN MIN to MAX Time from application of valid input voltage to output being in specification
10 -0.3 2.6 0 5.0 1.5 6.1 10 360 400 440
ABSOLUTE MAXIMUM RATINGS
Input voltage, 24V input types Input voltage, 48V input types Output Voltage Output trim control Shutdown control -0.3V to 40V -0.3V to 80V -0.3V to regulated voltage -1V to +30V relative to output return -0.3V to 6V relative to input return
www.cdpoweronline.com
1 Specifications typical at TA=25C, nominal input voltage and rated output current unless otherwise specified. 2 A minimum load of 10% of rating is recommended for typical applications, see application notes.
Isolation Capacitance
pF 23 26 29 32 23 26 29 32
V
% % ppmC %
% of rated Output Current % % %
% V ms kHz
NCX10S SERIES
Isolated 10W Single Output DC/DC Converters
ISOLATION CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Isolation Voltage Resistance
Flash tested for 1 second VISO=500VDC
1000 1
VDC G
ENVIRONMENTAL CHARACTERISTICS
Parameter Conditions MIN TYP MAX Units
Substrate Temp. Full load Storage Absolute MAX internal temperature Thermal Protection Operates at substrate temperature
-40 -40 150
125 125
C C C
THERMAL PERFORMANCE
NCX10S24033
11 10 Ambient Power (W) Ambient Power (W) 9 8 7 6 5 4 -40 Still Air 100lfm 200lfm 300lfm 400lfm
NCX10S24050
11 10 9 8 7 6 5 4 -40 10 60 Ambient Temperature (C) 110 Still Air 100lfm 200lfm 300lfm
NCX10S48033
11 10 Ambient Power (W) 9 8 7 6 5 4 -40 10 60 Ambient Temperature (C) 110 Still Air 100lfm 200lfm
10 60 Ambient Temperature (C)
110
NCX10S48050
11 10 Ambient Power (W) 9 8 7 6 5 4 -40 10 60 Ambient Temperature (C) 110 Still Air 100lfm
UL 60950 RECOGNITION (Maximum permissable load in still air)
Part Number -40C 25C 70C 75C 80C 85C 90C Units
NCX10S24033 NCX10S24050 NCX10S48033 NCX10S48050
10.0 10.0 10.0 10.0
10.0 10.0 10.0 10.0
10.0 10.0 10.0 10.0
9.0 10.0 9.5 10.0
7.9 8.9 8.4 10.0
6.5 7.2 7.1 9.6
5.0 5.2 5.5 8.0
W
APPLICATION NOTES
In a typical application, the NCX10S series of DC/DC converters require nothing more than a dc supply of correct polarity and voltage to generate its specified output. These notes are intended to offer help in the use of other facilities offered by these converters, and to provide assistance in achieving their full potential. VOLTAGE TRIMMING The trimming (adjust) input on the secondary side allows output voltage adjustment within the capability of the power circuit. When open circuit, the trimming pin ADJ operates at near half the output voltage. A basic trimming arrangement consists of a potentiometer of 10k to 100k connected across the output, with its wiper connected to the ADJ pin (see figure 1). Dependent on model, the output will be reduced by about +VIN 15% when the wiper is at the positive output, or increased by about 24% when at the negative rail. Regulation will be maintained to at least 10% adjustment either way. If finer adjustment is required, a resistor may be included between the wiper and the pin. For example, 62k will restrict a 3.3V model to 5% adjustment range. The corresponding values for the 5V model is 56k.
+VOUT
DC
ADJ 100K -VIN Figure 1: Voltage Trimming 0V
DC
NCX10S SERIES
Isolated 10W Single Output DC/DC Converters
APPLICATION NOTES
SET VOLTAGE The output voltage is set to 100mV above nominal, to offset resistive losses and thus assist with worst case error calculations. This allowance can be altered with a single fixed resistor, connected from the trimming pin to one of the output pins. OTHER TRIMMING FUNCTIONS The voltage applied to the trim pin need not be from a potentiometer. The trim facility may be driven electronically to provide "margining", remote sense, active load sharing, current control or remote programming (There is a minimum output voltage below which control is not possible). SHUTDOWN & UNDER VOLTAGE TRIM When the shutdown pin (Pin 11) is shorted to the negative input, the converter will stop. Its current consumption will then be less than 1mA at nominal supply voltage. The shutdown/UV adjust pin serves the dual function of shutting the converter down into a low power state, and allowing adjustment of the under voltage start threshold. To shut the unit down this pin should be taken to below 1.5V, using either an isolating diode (figure 2) with the anode connected to the shutdown pin or using an open collector pulldown (figure 3). The UV threshold can be controlled either via a resistor connected between the pin and 0V, or by connecting a series 1M resistor to a voltage of between 0V and 2.5V. The variation of startup voltage with either parallel resistor or applied voltage is shown
Applied Voltage (V)
in figures 4 & 5. Note that voltage should not be applied directly to the pin without a series resistor or diode. If the shutdown pin is to be connected to a long wire, it is recommended that a capacitor decouples the pin to the supply common in order to avoid the risk of injecting noise into the converter circuit. A series resistor may also be helpful. Values of 10nF and 1k may be used. Many converters may be switched together simply by linking the primary control pins via a schottky signal diode anode to the control pin. The primary common pins must also be linked, see figure 6. FILTERING The module includes a basic level of filtering, sufficient for many applications. Where lower noise levels are desired, filters can easily be added to achieve any required noise performance. A DC/DC converter generates noise in two principle forms: that which is radiated from its body and that conducted on its external connections. There are three separate modes of conducted noise: input differential, output differential and input-output. This last appears as common mode at the input and the output, and cannot therefore be removed by filtering at the input or output alone. The first level of filtering is to connect a capacitor between input and output returns,
to reduce this form of noise. It typically contains high harmonics of the switching frequency, which tend to appear as spikes on surrounding circuits. The voltage rating of this capacitor must match the required isolation voltage. (Due to the great variety in isolation voltage and required noise performance, this capacitor has not been included within the converter.) Input ripple is a voltage developed across the internal input decoupling capacitor. It is therefore measured with a defined supply source impedance. Although simple series inductance will provide filtering, on its own it can degrade the stability. A shunt capacitor is therefore recommended across the converter input terminals, so that it is fed from a low impedance. If no filtering is required, the inductance of long supply wiring could also cause a problem, requiring an input decoupling capacitor for stability. An electrolytic will perform well in these situations. See figure 7 for a recommended configuration to reduce all three conducted modes. The component values and ratings will depend on the converter rating and voltage, and the required noise performance. The input-output filtering is performed by the common-mode choke on the primary. This could be placed on the output, but would then degrade the regulation and produce less
2.5 Shutdown Resistor (M) 17.5 18 18.5 19 Startup Voltage (V) 19.5 20
15 13 11 9 7 5 3 1 17 17.5 18 18.5 19 Startup Voltage (V) 19.5 20
e.g. BAT42
DC
SD
2.0
1.5
Less than 0.8V for Shutdown
DC
-VIN
1.0 17
Figure 2: Shutdown with Isolating Diode
Figure 4: NCX10S24XXX Startup Voltage Vs Startup Pin Resistor/Voltage
2.5 15 Shutdown Resistor (M) 33.5 34 34.5 35 35.5 Startup Voltage (V) 36 13 11 9 7 5 3 1 32 33 34 35 Startup Voltage (V) 36
e.g. BC546 10K 0.25W Greater than 1.5V for Shutdown
Applied Voltage (V)
SD
DC DC
-VIN
2.0
1.5
1.0 32.5 33
Figure 3: Shutdown with Open Collector Pulldown
Figure 5: NCX10S48XXX Startup Voltage Vs Startup Pin Resistor/Voltage
NCX10S SERIES
Isolated 10W Single Output DC/DC Converters
APPLICATION NOTES
benefit for a given size, cost, and power loss. Radiated noise is present in magnetic and electrostatic forms. Thanks to the small size of these units, neither form of noise will be radiated "efficiently", so will not normally cause a problem. Any question of this kind usually better repays attention to conducted signals. In applications where large transient load swings are expected, for example 10-60% or 25-75%, the fitting of an external electrolytic output capacitor is recommended to reduce voltage over/under shoot. 200F capacitance will typically reduce a peak excursion to 350mV settling to within 1% VNOM in 1.2ms. Additional externally fitted capacitance will further reduce over/under shoot. PROTECTION The "absolute maximum" ratings in the specification define conditions which may degrade life but will not result in immediate damage. This section of the application notes deals with those unavoidable or accidental occasions when the ratings are exceeded. The unit will protect itself against a wide range of abnormal conditions. In others, where failure is inevitable, the consequent hazards have been minimised. If the supply polarity is reversed, the unit is unable to protect itself. The simple preventative measure of a series diode would add unacceptable power loss for the basic product, but it may be appropriate in some applications to fit this diode externally. With no polarity protection, tracks and components will safely fail to high impedance, disconnecting the power. A large fault current will occur in this process.
Optional Open Collector Transistor
DC
SD Less than 0.8V for Shutdown SD
DC DC
DC
-VIN
-VIN
FUSING
Part Number Recommended Fuses1
Figure 6: Shutdown with Isolating Diode
NCX10S24XX NCX10S48XX
1.6A 1.0A
100H
10H
DC
2.2F 1mH 2.2F 10H
DC
100H 10F, 250Vac Y Rated
10F, 250Vac Y Rated Figure 7: Recommended Configuration to Reduce Noise
1 Anti surge T-type fuses are recommended
NCX10S SERIES
Isolated 10W Single Output DC/DC Converters
MECHANICAL DIMENSIONS 18 Pin SMD Package Style
1.75 (44.56) 1.58 (40.03)
18 17 16 15 14 13 12 11 10
1.12 0.016 (28.4 0.4) 0.82 (20.75)
Detail A
REFERENCE PLANE
0.197 (0.50)
1 2 3 4 5 6 7 8 9
5.00
0.008(0.2) M P S
0.20 (5.0) 0.31 (7.75) MAX 0.3150.004 (8.000.10)
0.100.004 (2.590.1)
0.008(0.2) M P S
0.0490.008 (1.240.2) x18 Pins
0.090.001 (2.270.25) S
DETAIL A
0.01 (2.51) MAX
18 Pins
S
0.004(0.1)
0.0100.002 (0.250.05)
Recommended Footprint Details
Pin Connections
PIN NCX10SXXXXX NCX10SXXXXXY 1 +VOUT +VOUT 2 -VOUT -VOUT 3-7 NC NC 8 VADJ VADJ 9-10 NC NC 11 SD SD 12-16 NC NC 17 -VIN +VIN 18 +VIN -VIN Package Weight: 8.3g
0.94 (24.0)
1.17 (29.6)
0.20 (5.00) 1.57 (40.0)
0.14 (3.60)
All pins on a 0.1(2.54) pitch and within 0.01(0.25) of true position. Unless otherwise stated all dimensions in inches(mm) 0.01(0.25).
C&D Technologies (NCL) Limited reserve the right to alter or improve the specification, internal design or manufacturing process at any time, without notice. Please check with your supplier or visit our web site to ensure that you have the current and complete specification for your product before use. (c) C&D Technologies (NCL) Limited 2003 NDC NCX10S.1 No part of this publication may be copied, transmitted or stored in a retrieval system or reproduced in any way including, but not limited to, photography, photocopy, magnetic or other recording means, without prior written permission from C&D Technologies (NCL) Limited. Instructions for use are available from www.cdpoweronline.com
C&D Technologies (NCL) Ltd Tanners Drive, Blakelands North Milton Keynes MK14 5BU, England Tel: +44 (0)1908 615232 Fax: +44 (0)1908 617545 email: info@cdtechno-ncl.com www.cdpoweronline.com
C&D Technologies Inc. 3400 E Britannia Drive, Tucson, Arizona 85706, USA Tel: +1 (800) 547-2537 Fax: +1 (520) 741-4598 email: pedmktg@cdtechno.com


▲Up To Search▲   

 
Price & Availability of NCX10S48050

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X